Part Number Hot Search : 
LTM450DW 103IT TXV2N72 24D300 90130 3N262 5225B NCP5810D
Product Description
Full Text Search
 

To Download DR370-3-102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 March 5, 2009
DR370-3 Series Radial Leaded Inductors
Features High Current Rating Height: 10.5mm Max Inductance Range: 0.39H - 2.0H Non-RoHS Versions are Available (Note 5) ELECTRICAL SPECIFICATIONS AT 25C Inductance (H) 1V @ 100kHz, 0Adc
0.39 0.47 0.68 0.8 1.0 2.0
OPERATING TEMPERATURE -55C to +125C Heating Current Idc (Note 3)
42 42 38 30 28 20
Part Number
DR370-3-391 DR370-3-471 DR370-3-681 DR370-3-801 DR370-3-102 DR370-3-202
DCR (m) Max.
0.75 0.75 1.0 1.1 1.3 1.7
Saturating Current Idc (Note 4)
56 56 50 43 28 20
MECHANICAL SPECIFICATIONS
.531 MAX 13,5 .287 7,3
XXX
.492 MAX 12,5
.137 3,5 .413 MAX 10,5
Part Number Pin Diameter
.299 7,6
DR370-3-391 DR370-3-471 DR370-3-681 DR370-3-801 DR370-3-102 DR370-3-202
0.059/1.5 0.059/1.5 0.059/1.5 0.059/1.5 0.059/1.5 0.051/1.3 Unless otherwise specified, TOLERANCE: .XXX = 0.020 inches .X = 0.5 mm
NOTES: 1. 2. 3. 4. 5. 6.
Dimensions are shown in inches/millimeters Inductance tolerance: 20% DC current that will cause a rise of 40C from ambient DC current causing a 30% drop in inductance For non-RoHS parts replace DR prefix with 42- (e.g. DR370-3 becomes 42-370-3) Terminal finish is compliant to RoHS requirements
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King's Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DR370-3-102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X